PART |
Description |
Maker |
CQ220-16DLEADFREE |
400 V, 16 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
CENTRAL SEMICONDUCTOR CORP
|
TIC206D |
400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220
|
BOURNS INC
|
MAC218A10FP MAC218-10FP MAC218-6FP MAC218-4FP MAC2 |
ISOLATED TRIACs THYRISTORS 8 AMPERES RMS 200 thru 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
T405-700H-TR T410-700H-TR T435-700H-TR T410-600H-T |
Thyristor TRIAC 600V 31A 3TO-220AB T/R 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Absolute Maximum Ratings 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC T4 Series 4A TRIACS
|
ST Microelectronics STMicroelectronics
|
BT134W BT134W-500 BT134W-500F BT134W-500G BT134W-6 |
5541231100 WITH 5650211 RoHS Compliant: Yes 600 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC Triacs 800 V, 1 A, 4 QUADRANT LOGIC LEVEL TRIAC 5541231100 WITH 5650411 RoHS Compliant: Yes Transient Voltage Suppressor Diodes Triacs logic level Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC97 MAC97A8RLRM MAC97A8RLRMG MAC97A8RLRP MAC97A8 |
Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 400 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 200 V, 0.6 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ON Semiconductor
|
BT138-800 BT138-800F BT138-800G BT138 BT138-500 BT |
Triacs sensitive gate CAP, 0.1UF, 100V, 5%, POLYESTER Triacs(双向可控 Octal Buffers and Line Drivers with 3-State Outputs 20-CFP -55 to 125 600 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB Octal Bus Transceivers with 3-State Outputs 20-LCCC -55 to 125 800 V, 12 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-220AB
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
934057062116 934057062126 934057062412 Z0109NA11 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
934057063135 568-2198-2 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0109NA0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|
Z0109MA0 |
Logic level four-quadrant triac
|
NXP Semiconductors
|